Part Number Hot Search : 
M2904 SSFP6N10 82C55 PC2004G RT9703GS RDX2B SYSTEMS M2904
Product Description
Full Text Search
 

To Download APTGT100DH120TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT100DH120TG
Asymmetrical - Bridge Fast Trench + Field Stop IGBT(R) Power Module
VBUS VBUS SENSE Q1 G1 CR3
VCES = 1200V IC = 100A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Switched Reluctance Motor Drives Features * Fast Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant Max ratings 1200 140 100 200 20 480 200A @ 1100V Unit V A V W
July, 2006 1-5 APTGT100DH120TG - Rev 2
E1 OUT1 OUT2 Q4 G4 CR2 E4
0/VBUS SENSE
NT C1
0/VBUS
NT C2
VBUS SENSE
G4 E4
OUT2
VBUS
0/VBUS
OUT1
E1 G1
0/VBUS SENSE
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT100DH120TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE =15V IC = 100A Tj = 125C VGE = VCE , IC = 2 mA VGE = 20V, VCE = 0V Min 1.4 5.0 Typ 1.7 2.0 5.8 Max 250 2.1 6.5 400 Unit A V V nA
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 100A R G = 3.9 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 100A R G = 3.9 VGE = 15V Tj = 125C VBus = 600V IC = 100A Tj = 125C R G = 3.9
Min
Typ 7200 400 300 260 30 420 70 290 50 520 90 10
Max
Unit pF
ns
ns
mJ 10
Diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
Test Conditions VR=1200V IF = 100A VGE = 0V Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C IF = 100A VR = 600V
di/dt =2500A/s
Min 1200
Typ
Max 250 500
Unit V A A
100 1.4 1.3 150 250 10 19 4.5 8
2.1
V ns
July, 2006 2-5 APTGT100DH120TG - Rev 2
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
C mJ
www.microsemi.com
APTGT100DH120TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.26 0.34 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
2500 -40 -40 -40 2.5
SP4 Package outline (dimensions in mm)
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT100DH120TG - Rev 2
ALL DIMENSIO NS MARKED " * " ARE T OLERENCED AS :
July, 2006
APTGT100DH120TG
Typical Performance Curve
200 Output Characteristics (V GE=15V) Output Characteristics 200 TJ = 125C
TJ=125C
150 IC (A)
TJ=25C
150 IC (A)
VGE=17V
VGE =13V V GE=15V
100
100
V GE=9V
50
50
0 0 1 2 VCE (V) 3 4
0 0 1 2 VCE (V) 3 4
Transfert Characteristics 200 175 150 IC (A) E (mJ) 125 100 75 50 25 0 5 6 7 8 9 10 11 12 V GE (V) Switching Energy Losses vs Gate Resistance 25 20 E (mJ) 15 10 5 0 0 5 10 15 20 Gate Resistance (ohms) 25
Er
25 20
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 3.9 TJ = 125C Eon Eoff
TJ=25C T J=125C
15 10
Er Eon
T J=125C
5 0 0 25 50 75 100 125 150 175 200 IC (A) Reverse Bias Safe Operating Area 240
VCE = 600V VGE =15V IC = 100A TJ = 125C
Eon
200 160
Eoff
IC (A)
120 80 40 0 0 300 600 900 VCE (V) 1200 1500
VGE=15V TJ=125C RG =3.9
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.3 Thermal Impedance (C/W)
IGBT
0.25 0.2 0.15 0.1 0.05 0 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular Pulse Duration (Seconds) 0.9 0.7 0.5 0.3 0.1 0.05 Single Pulse
www.microsemi.com
4-5
APTGT100DH120TG - Rev 2
July, 2006
APTGT100DH120TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 60 50 40 30 20 10 0 0 20 40 60 80 IC (A) 100 120 140
Hard switching ZCS ZVS VCE=600V D=50% RG =3.9 TJ=125C Tc=75C
Forward Characteristic of diode 300 250 200 IF (A) 150 100 50 0 0 0.4 0.8 1.2 1.6 V F (V) 2 2.4
T J=125C TJ=125C TJ=25C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.1 0.05 0.0001 0.001 Single Pulse 0.9
Diode
0.7 0.5 0.3
0 0.00001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT100DH120TG - Rev 2
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT100DH120TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X